Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download MUR1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
* * * *


!"# $
% !"#
Features
Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
MUR1630CT THRU MUR1660CT
16 Amp Super Fast Glass Passivated Rectifier 300 to 600 Volts
Maximum Ratings
* * Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 300V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 300V 400V 600V
TO-220AB
B C K
PIN 1 2 3
L M D A E
MUR1630CT MUR1630CT MUR1640CT MUR1640CT MUR1660CT MUR1660CT
210V 280V 420V
F G I J N HH
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element 1630-1640CT 1660CT Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
Typical Junction Capacitance
IF(AV) IFSM
16 A 125 A
TC = 100C 8.3ms, half sine
PIN 1 PIN 3 PIN 2 CASE
VF 1.30V 1.50V IR 5.0uA 500uA
IFM = 8 A TJ = 25C TJ = 25C TJ = 100C
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 --12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
Trr
50ns
IF=0.5A, IR=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 --.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
80pF
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
MUR1630CT thru MUR1660CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .6 .06 .04 .02 .1 .01 .2 .4 .6 .8 1.0 1.2 1.4 20 40 60 .4 4 .2 1660CT 25C 1630CT-1640CT 1000 600 400 200 100 60 40 20 TJ=25C Amps 10 6 4 2 1
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
120
140
160
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Maximum Non-Repetitive Forward Surge Current 150
12
125 100 75 Amps 50 25
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 60 80 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 120 140 160
0
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X